PART |
Description |
Maker |
2SC4854 2SC4854-5 2SC4854-4 |
晶体管|晶体管|叩| 6V的五(巴西)总裁| 15mA的一c)|36AB SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits Low-Voltage Low-Current High-Frequency Amp Applications Low-Voltage, Low-Current High-Frequency Amp Applications
|
SANYO[Sanyo Semicon Device]
|
NJ88C50 NJ88C50MA NJ88C50NP NJ88C50_MA_NP |
Dual Low Power Frequency Synthesiser
|
Zarlink Semiconductor Inc
|
309RILF 309RILFT |
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTH
|
Integrated Device Techn...
|
2SK2218 2SK2218-5 |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset High-Frequency Low-Noise Amp Applications
|
Sanyo Semicon Device
|
UMA1015AM |
Low-power dual frequency synthesizer for radio communications
|
NXP Semiconductors
|
UMA1015M/C2 |
Low-power dual frequency synthesizer for radio communications
|
NXP Semiconductors
|
MAX7384B MAX7384CRVT MAX7384CRVB MAX7384CMUK MAX73 |
11.0592 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output 12 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 14-CDIP -55 to 125 硅振荡器的低功耗高频开关和复位输出 14.7456 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output 10 MHz, 2.7 V to 5.5 V, silicon oscillator with low-power frequency switching and reset output
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
CA3102 |
Differential Amplifier, Dual, High Frequency, Low Power Applications Up to 500MHz
|
Intersil
|
CA3102_05 CA3102 CA3102E CA3102M CA3102MZ |
Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
|
INTERSIL[Intersil Corporation]
|
207 208 252 239 250 230 248 256 237 253 242 238 20 |
Low-Frequency Dual EconOscillator Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN Evaluation Kit for the MAX2251 5 Volt and 3.3 Volt MicroMonitor Dual, 6-Bit, 400Msps ADC with On-Chip, Wideband Input Amplifier 1-Wire Parasite-Power Digital Thermometer Econ-Digital Thermometer and Thermostat 3.3V EconoReset with Open Drain Output Low-Power, 14-Bit Analog-to-Digital Converters with Parallel Interface Interface IC Pin Switch Drivers
|
New England Microwave Corp.
|
2SC3624 2SC3624A 2SC3624A-T1B 2SC3624-T1B 2SC3624A |
BJT 双极型晶体管 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体 AUDIO FREQUENCY AMPLIFIER, SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD Silicon transistor AUDIO FREQUENCY AMPLIFIER/ SWITCHING NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
|
NEC, Corp. NEC[NEC]
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|